Part Number Hot Search : 
2SC3567 L6563 TC9210P 2N6290 BC856AW W27LE520 BCW60CL GT2623
Product Description
Full Text Search

DF22-1012PC -    7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed) Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Dual General-Purpose Operational Amplifier 8-SOIC 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Dual General-Purpose Operational Amplifier 8-PDIP 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 SWITCH 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 单电源RS232C接口线路驱动接收器(单电源RS232C接口线收发器收) 8051 CPU with 16kB Memory, I2C, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Dual High-Speed Low-Noise Operational Amplifier 8-SOIC -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 3 pin 100mA Fixed (-15V) Negative Voltage Regulator 3-TO-92 0 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Quadruple Differential Line Driver 16-SO 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Quadruple Differential Line Driver 16-PDIP 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 3/8 pin 100mA Fixed (-12V) Negative Voltage Regulator 3-TO-92 0 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 1.5-A Peak Boost/Buck/Inverting Switching Regulator 8-SOIC -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 1.5-A Peak Boost/Buck/Inverting Switching Regulator 8-PDIP -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Dual High-Speed Low-Noise Operational Amplifier 8-MSOP -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 1.5-A Peak Boost/Buck/Inverting Switching Regulator 8-SON -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Precision A/D & D/A with 8051 Microcontroller and Flash Memory 64-TQFP -40 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 2.5-V 460-KBPS RS-232 Transceiver with IEC 61000-4-2 ESD-Protection 20-TSSOP -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 8051 CPU with 32kB Memory, I2C, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 3/8 pin 100mA Fixed (-5V) Negative Voltage Regulator 3-TO-92 0 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Quadruple Differential Line Receiver With 3-State Outputs 16-SO 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Quadruple Differential Line Driver 16-SOIC 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Quad Low-Power General-Purpose Operational Amplifier 14-TSSOP 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed) 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 WIREWOUND RESISTOR SERIES:600; RESISTANCE:15OHM; POWOEFFICIENT: /-20 PPM; PACKAGE/CASE:ALUMINUM HOUSING;PE:SOLDER LUG; RESISTANCE TOLERANCE: /- 1 %; LEADED OMPLIANT:NO RoHS Compliant: Yes 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 3 pin 100mA Fixed (-12V) Negative Voltage Regulator 3-TO-92 0 to 125 ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No FUSE,FAST ACTING,1A,250V& D86 - GLENAIR Single-Channel 10-Ohm SPST Analog Switch 5-SOT-23 -40 to 85 Quadruple Line Driver 14-PDIP 0 to 70 16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, Comparator 14-TSSOP -40 to 85 MOUNTING TOOL; 16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, 16-Bit Sigma-Delta A/D, USI for SPI/I2C 14-TSSOP -40 to 85 8051 CPU with 4kB Memory, 24-Bit ADC, Current DAC, and On-Chip Oscillator 48-TQFP -40 to 125 Quad, Differential I/O, 2X1 Multiplexed, High Gain Preamp 48-TQFP 0 to 70 Wide Bandwidth Precision Analog Multiplier 16-SOIC -40 to 85 Replaced by MPY634 : Multiplier/Divider 14-CDIP SB 4-Channel Differential-Input Analog Multiplexer 16-SOIC RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85% 8 pin 100mA Fixed (-15V) Negative Voltage Regulator 8-SOIC 0 to 125 3/8 pin 100mA Fixed (-12V) Negative Voltage Regulator 8-SOIC 0 to 125 IC DDR SDRAM 256MB 66-TSOP Dual General-Purpose Operational Amplifier 20-LCCC -55 to 125 Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:AGC RoHS Compliant: No RS-232 Transceiver With Split Supply Pin for Logic Side 20-SOIC 0 to 70 2.5-V 460-Kbps RS-232 Transceiver With /-15 KV ESD Protection 20-TSSOP 0 to 70 IC SDRAM 128MB 54-TSOP 2.5-V 460-Kbps RS-232 Transceiver With /-15 KV ESD Protection 20-SSOP 0 to 70 Single-Channel 10-Ohm SPST Analog Switch 5-SC70 -40 to 85 RS-232 Transceiver With Split Supply Pin for Logic Side 20-TSSOP 0 to 70 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 2.5-V 460-KBPS RS-232 Transceiver with IEC 61000-4-2 ESD-Protection 20-SSOP -40 to 85 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 3/8 pin 100mA Fixed (-5V) Negative Voltage Regulator 8-SOIC 0 to 125 Isolated Flyback Switching Regulator with 9V Output TRIMMER, 15 TURN 50K Quadruple Low-Power Operational Amplifier 14-SOIC -40 to 85 Dual High-Speed Low-Noise Operational Amplifier 8-PDIP -40 to 85 16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, Comparator 14-TSSOP -40 to 85 16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, Comparator 14-PDIP -40 to 85 16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, 10-Bit SAR A/D, USI for SPI/I2C 14-TSSOP -40 to 85 16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, 10-Bit SAR A/D, USI for SPI/I2C 14-PDIP -40 to 85 1.5-A Boost/Buck/Inverting Switching Regulator 8-SON 0 to 70 1.5-A Boost/Buck/Inverting Switching Regulator 8-PDIP 0 to 70 Quadruple Low-Power Operational Amplifier 14-TSSOP -40 to 85 RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85% Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Solid Tantalum Capacitor; Capacitor Type:Solid; Voltage Rating:35VDC; Capacitor Dielectric Material:Tantalum; Capacitance:0.1uF; Capacitance Tolerance: 10%; Lead Pitch:5.08mm; Leaded Process Compatible:No RoHS Compliant: No 8051 CPU with 4kB Memory, I2C, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 8051 CPU with 32kB Memory, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 CONNECTOR ACCESSORY ALUMINUM HOUSED WIREWOUND RESISTORS (NON-INDUCTIVE OPTION) 365 OHM, 1%, ROHS FOAM MEDIA FOR QUALTEK FANS, 60PPI, PACKAGE OF 5 MIC CONDENSER ELECT NC -54 -3DB Quad Low-Power General-Purpose Operational Amplifier 14-PDIP 0 to 70 FINGER GUARD PLAS 150MM 100PPI Quad Low-Power General-Purpose Operational Amplifier 14-SO 0 to 70 Quadruple Line Receiver 14-PDIP 0 to 70 Dual General-Purpose Operational Amplifier 8-CDIP -55 to 125 1.5-A Boost/Buck/Inverting Switching Regulator 8-SOIC 0 to 70 Dual General-Purpose Operational Amplifier 8-SO 0 to 70 RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 3.3V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85% Quadruple Differential Line Receiver With 3-State Outputs 16-SOIC 0 to 70 Quad Low-Power General-Purpose Operational Amplifier 14-SOIC 0 to 70 RES 560K OHM 1/8W 5% 0805 SMD 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV IEC ESD Protection 28-SOIC -40 to 85 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV IEC ESD Protection 28-TSSOP 0 to 70 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV IEC ESD Protection 28-SSOP 0 to 70 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV ESD (HBM) Protection 28-SOIC -40 to 85 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV IEC ESD Protection 28-SOIC 0 to 70 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV ESD (HBM) Protection 28-SSOP -40 to 85 7.92 mm Contact Pitch/ High-Current Connectors for Internal Power Supplies (UL/ C-UL and TUV Listed) 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV ESD (HBM) Protection 28-TSSOP -40 to 85 8051 CPU with 16kB Memory, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 8051 CPU with 8kB Memory, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 8051 CPU with 8kB Memory, I2C, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 Precision A/D & D/A with 8051 Microcontroller and Flash Memory 64-TQFP -40 to 125 7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed) 7.92 mm Contact Pitch, High-Current Connectors for Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)

DF22-1012PC_40503.PDF Datasheet

 
Part No. DF22-1012PC DF22-1012PCF DF22-1012SC DF22-1012SCF DF22-1416PC DF22-1416PCF DF22-1416SC DF22-1416SCF DF22-1DEP-7.92C DF22-1DEP-7.92DS DF22-1DEP-7.92DSA DF22-1DS-7.92C DF22-1DS-7.92DS DF22-1DS-7.92DSA DF22-1EP-7.92C DF22-1EP-7.92DS DF22-1EP-7.92DSA DF22-1P-7.92C DF22-1P-7.92DS DF22-1P-7.92DSA DF22-1S-7.92C DF22-1S-7.92DS DF22-1S-7.92DSA DF22-2DEP-7.92C DF22-2DEP-7.92DS DF22-2DEP-7.92DSA DF22-2DS-7.92C DF22-2DS-7.92DS DF22-2DS-7.92DSA DF22-2EP-7.92C DF22-2EP-7.92DS
Description    7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C
Dual General-Purpose Operational Amplifier 8-SOIC 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
Dual General-Purpose Operational Amplifier 8-PDIP 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
SWITCH 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 单电源RS232C接口线路驱动接收器(单电源RS232C接口线收发器收)
8051 CPU with 16kB Memory, I2C, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
Dual High-Speed Low-Noise Operational Amplifier 8-SOIC -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
3 pin 100mA Fixed (-15V) Negative Voltage Regulator 3-TO-92 0 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
Quadruple Differential Line Driver 16-SO 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
Quadruple Differential Line Driver 16-PDIP 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
3/8 pin 100mA Fixed (-12V) Negative Voltage Regulator 3-TO-92 0 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
1.5-A Peak Boost/Buck/Inverting Switching Regulator 8-SOIC -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
1.5-A Peak Boost/Buck/Inverting Switching Regulator 8-PDIP -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
Dual High-Speed Low-Noise Operational Amplifier 8-MSOP -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
1.5-A Peak Boost/Buck/Inverting Switching Regulator 8-SON -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
Precision A/D & D/A with 8051 Microcontroller and Flash Memory 64-TQFP -40 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
2.5-V 460-KBPS RS-232 Transceiver with IEC 61000-4-2 ESD-Protection 20-TSSOP -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件
8051 CPU with 32kB Memory, I2C, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
3/8 pin 100mA Fixed (-5V) Negative Voltage Regulator 3-TO-92 0 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
Quadruple Differential Line Receiver With 3-State Outputs 16-SO 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
Quadruple Differential Line Driver 16-SOIC 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
Quad Low-Power General-Purpose Operational Amplifier 14-TSSOP 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed) 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
WIREWOUND RESISTOR SERIES:600; RESISTANCE:15OHM; POWOEFFICIENT: /-20 PPM; PACKAGE/CASE:ALUMINUM HOUSING;PE:SOLDER LUG; RESISTANCE TOLERANCE: /- 1 %; LEADED OMPLIANT:NO RoHS Compliant: Yes 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证
3 pin 100mA Fixed (-12V) Negative Voltage Regulator 3-TO-92 0 to 125
; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
FUSE,FAST ACTING,1A,250V&
D86 - GLENAIR
Single-Channel 10-Ohm SPST Analog Switch 5-SOT-23 -40 to 85
Quadruple Line Driver 14-PDIP 0 to 70
16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, Comparator 14-TSSOP -40 to 85
MOUNTING TOOL;
16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, 16-Bit Sigma-Delta A/D, USI for SPI/I2C 14-TSSOP -40 to 85
8051 CPU with 4kB Memory, 24-Bit ADC, Current DAC, and On-Chip Oscillator 48-TQFP -40 to 125
Quad, Differential I/O, 2X1 Multiplexed, High Gain Preamp 48-TQFP 0 to 70
Wide Bandwidth Precision Analog Multiplier 16-SOIC -40 to 85
Replaced by MPY634 : Multiplier/Divider 14-CDIP SB
4-Channel Differential-Input Analog Multiplexer 16-SOIC
RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85%
8 pin 100mA Fixed (-15V) Negative Voltage Regulator 8-SOIC 0 to 125
3/8 pin 100mA Fixed (-12V) Negative Voltage Regulator 8-SOIC 0 to 125
IC DDR SDRAM 256MB 66-TSOP
Dual General-Purpose Operational Amplifier 20-LCCC -55 to 125
Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:AGC RoHS Compliant: No
RS-232 Transceiver With Split Supply Pin for Logic Side 20-SOIC 0 to 70
2.5-V 460-Kbps RS-232 Transceiver With /-15 KV ESD Protection 20-TSSOP 0 to 70
IC SDRAM 128MB 54-TSOP
2.5-V 460-Kbps RS-232 Transceiver With /-15 KV ESD Protection 20-SSOP 0 to 70
Single-Channel 10-Ohm SPST Analog Switch 5-SC70 -40 to 85
RS-232 Transceiver With Split Supply Pin for Logic Side 20-TSSOP 0 to 70
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80%
2.5-V 460-KBPS RS-232 Transceiver with IEC 61000-4-2 ESD-Protection 20-SSOP -40 to 85
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
3/8 pin 100mA Fixed (-5V) Negative Voltage Regulator 8-SOIC 0 to 125
Isolated Flyback Switching Regulator with 9V Output
TRIMMER, 15 TURN 50K
Quadruple Low-Power Operational Amplifier 14-SOIC -40 to 85
Dual High-Speed Low-Noise Operational Amplifier 8-PDIP -40 to 85
16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, Comparator 14-TSSOP -40 to 85
16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, Comparator 14-PDIP -40 to 85
16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, 10-Bit SAR A/D, USI for SPI/I2C 14-TSSOP -40 to 85
16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, 10-Bit SAR A/D, USI for SPI/I2C 14-PDIP -40 to 85
1.5-A Boost/Buck/Inverting Switching Regulator 8-SON 0 to 70
1.5-A Boost/Buck/Inverting Switching Regulator 8-PDIP 0 to 70
Quadruple Low-Power Operational Amplifier 14-TSSOP -40 to 85
RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85%
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
Solid Tantalum Capacitor; Capacitor Type:Solid; Voltage Rating:35VDC; Capacitor Dielectric Material:Tantalum; Capacitance:0.1uF; Capacitance Tolerance: 10%; Lead Pitch:5.08mm; Leaded Process Compatible:No RoHS Compliant: No
8051 CPU with 4kB Memory, I2C, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125
8051 CPU with 32kB Memory, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125
CONNECTOR ACCESSORY
ALUMINUM HOUSED WIREWOUND RESISTORS (NON-INDUCTIVE OPTION) 365 OHM, 1%, ROHS
FOAM MEDIA FOR QUALTEK FANS, 60PPI, PACKAGE OF 5
MIC CONDENSER ELECT NC -54 -3DB
Quad Low-Power General-Purpose Operational Amplifier 14-PDIP 0 to 70
FINGER GUARD PLAS 150MM 100PPI
Quad Low-Power General-Purpose Operational Amplifier 14-SO 0 to 70
Quadruple Line Receiver 14-PDIP 0 to 70
Dual General-Purpose Operational Amplifier 8-CDIP -55 to 125
1.5-A Boost/Buck/Inverting Switching Regulator 8-SOIC 0 to 70
Dual General-Purpose Operational Amplifier 8-SO 0 to 70
RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 3.3V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85%
Quadruple Differential Line Receiver With 3-State Outputs 16-SOIC 0 to 70
Quad Low-Power General-Purpose Operational Amplifier 14-SOIC 0 to 70
RES 560K OHM 1/8W 5% 0805 SMD
3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV IEC ESD Protection 28-SOIC -40 to 85
3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV IEC ESD Protection 28-TSSOP 0 to 70
3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV IEC ESD Protection 28-SSOP 0 to 70
3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV ESD (HBM) Protection 28-SOIC -40 to 85
3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV IEC ESD Protection 28-SOIC 0 to 70
3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV ESD (HBM) Protection 28-SSOP -40 to 85
7.92 mm Contact Pitch/ High-Current Connectors for Internal Power Supplies (UL/ C-UL and TUV Listed)
3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV ESD (HBM) Protection 28-TSSOP -40 to 85
8051 CPU with 16kB Memory, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125
ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles
8051 CPU with 8kB Memory, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125
8051 CPU with 8kB Memory, I2C, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125
Precision A/D & D/A with 8051 Microcontroller and Flash Memory 64-TQFP -40 to 125
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
7.92 mm Contact Pitch, High-Current Connectors for Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)

File Size 564.57K  /  15 Page  

Maker


Vectron International, Inc.
HIROSE ELECTRIC Co., Ltd.
Hirose Electric USA, INC.
HIROSE[Hirose Electric]
http://



Homepage http://www.hirose-connectors.com/
Download [ ]
[ DF22-1012PC DF22-1012PCF DF22-1012SC DF22-1012SCF DF22-1416PC DF22-1416PCF DF22-1416SC DF22-1416SCF Datasheet PDF Downlaod from Datasheet.HK ]
[DF22-1012PC DF22-1012PCF DF22-1012SC DF22-1012SCF DF22-1416PC DF22-1416PCF DF22-1416SC DF22-1416SCF Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for DF22-1012PC ]

[ Price & Availability of DF22-1012PC by FindChips.com ]

 Full text search :    7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed) Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Dual General-Purpose Operational Amplifier 8-SOIC 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Dual General-Purpose Operational Amplifier 8-PDIP 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 SWITCH 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 单电源RS232C接口线路驱动接收器(单电源RS232C接口线收发器收) 8051 CPU with 16kB Memory, I2C, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Dual High-Speed Low-Noise Operational Amplifier 8-SOIC -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 3 pin 100mA Fixed (-15V) Negative Voltage Regulator 3-TO-92 0 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Quadruple Differential Line Driver 16-SO 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Quadruple Differential Line Driver 16-PDIP 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 3/8 pin 100mA Fixed (-12V) Negative Voltage Regulator 3-TO-92 0 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 1.5-A Peak Boost/Buck/Inverting Switching Regulator 8-SOIC -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 1.5-A Peak Boost/Buck/Inverting Switching Regulator 8-PDIP -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Dual High-Speed Low-Noise Operational Amplifier 8-MSOP -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 1.5-A Peak Boost/Buck/Inverting Switching Regulator 8-SON -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Precision A/D & D/A with 8051 Microcontroller and Flash Memory 64-TQFP -40 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 2.5-V 460-KBPS RS-232 Transceiver with IEC 61000-4-2 ESD-Protection 20-TSSOP -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 8051 CPU with 32kB Memory, I2C, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 3/8 pin 100mA Fixed (-5V) Negative Voltage Regulator 3-TO-92 0 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Quadruple Differential Line Receiver With 3-State Outputs 16-SO 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Quadruple Differential Line Driver 16-SOIC 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Quad Low-Power General-Purpose Operational Amplifier 14-TSSOP 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed) 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 WIREWOUND RESISTOR SERIES:600; RESISTANCE:15OHM; POWOEFFICIENT: /-20 PPM; PACKAGE/CASE:ALUMINUM HOUSING;PE:SOLDER LUG; RESISTANCE TOLERANCE: /- 1 %; LEADED OMPLIANT:NO RoHS Compliant: Yes 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 3 pin 100mA Fixed (-12V) Negative Voltage Regulator 3-TO-92 0 to 125 ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No FUSE,FAST ACTING,1A,250V& D86 - GLENAIR Single-Channel 10-Ohm SPST Analog Switch 5-SOT-23 -40 to 85 Quadruple Line Driver 14-PDIP 0 to 70 16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, Comparator 14-TSSOP -40 to 85 MOUNTING TOOL; 16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, 16-Bit Sigma-Delta A/D, USI for SPI/I2C 14-TSSOP -40 to 85 8051 CPU with 4kB Memory, 24-Bit ADC, Current DAC, and On-Chip Oscillator 48-TQFP -40 to 125 Quad, Differential I/O, 2X1 Multiplexed, High Gain Preamp 48-TQFP 0 to 70 Wide Bandwidth Precision Analog Multiplier 16-SOIC -40 to 85 Replaced by MPY634 : Multiplier/Divider 14-CDIP SB 4-Channel Differential-Input Analog Multiplexer 16-SOIC RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85% 8 pin 100mA Fixed (-15V) Negative Voltage Regulator 8-SOIC 0 to 125 3/8 pin 100mA Fixed (-12V) Negative Voltage Regulator 8-SOIC 0 to 125 IC DDR SDRAM 256MB 66-TSOP Dual General-Purpose Operational Amplifier 20-LCCC -55 to 125 Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:AGC RoHS Compliant: No RS-232 Transceiver With Split Supply Pin for Logic Side 20-SOIC 0 to 70 2.5-V 460-Kbps RS-232 Transceiver With /-15 KV ESD Protection 20-TSSOP 0 to 70 IC SDRAM 128MB 54-TSOP 2.5-V 460-Kbps RS-232 Transceiver With /-15 KV ESD Protection 20-SSOP 0 to 70 Single-Channel 10-Ohm SPST Analog Switch 5-SC70 -40 to 85 RS-232 Transceiver With Split Supply Pin for Logic Side 20-TSSOP 0 to 70 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 2.5-V 460-KBPS RS-232 Transceiver with IEC 61000-4-2 ESD-Protection 20-SSOP -40 to 85 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 3/8 pin 100mA Fixed (-5V) Negative Voltage Regulator 8-SOIC 0 to 125 Isolated Flyback Switching Regulator with 9V Output TRIMMER, 15 TURN 50K Quadruple Low-Power Operational Amplifier 14-SOIC -40 to 85 Dual High-Speed Low-Noise Operational Amplifier 8-PDIP -40 to 85 16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, Comparator 14-TSSOP -40 to 85 16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, Comparator 14-PDIP -40 to 85 16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, 10-Bit SAR A/D, USI for SPI/I2C 14-TSSOP -40 to 85 16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, 10-Bit SAR A/D, USI for SPI/I2C 14-PDIP -40 to 85 1.5-A Boost/Buck/Inverting Switching Regulator 8-SON 0 to 70 1.5-A Boost/Buck/Inverting Switching Regulator 8-PDIP 0 to 70 Quadruple Low-Power Operational Amplifier 14-TSSOP -40 to 85 RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85% Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Solid Tantalum Capacitor; Capacitor Type:Solid; Voltage Rating:35VDC; Capacitor Dielectric Material:Tantalum; Capacitance:0.1uF; Capacitance Tolerance: 10%; Lead Pitch:5.08mm; Leaded Process Compatible:No RoHS Compliant: No 8051 CPU with 4kB Memory, I2C, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 8051 CPU with 32kB Memory, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 CONNECTOR ACCESSORY ALUMINUM HOUSED WIREWOUND RESISTORS (NON-INDUCTIVE OPTION) 365 OHM, 1%, ROHS FOAM MEDIA FOR QUALTEK FANS, 60PPI, PACKAGE OF 5 MIC CONDENSER ELECT NC -54 -3DB Quad Low-Power General-Purpose Operational Amplifier 14-PDIP 0 to 70 FINGER GUARD PLAS 150MM 100PPI Quad Low-Power General-Purpose Operational Amplifier 14-SO 0 to 70 Quadruple Line Receiver 14-PDIP 0 to 70 Dual General-Purpose Operational Amplifier 8-CDIP -55 to 125 1.5-A Boost/Buck/Inverting Switching Regulator 8-SOIC 0 to 70 Dual General-Purpose Operational Amplifier 8-SO 0 to 70 RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 3.3V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85% Quadruple Differential Line Receiver With 3-State Outputs 16-SOIC 0 to 70 Quad Low-Power General-Purpose Operational Amplifier 14-SOIC 0 to 70 RES 560K OHM 1/8W 5% 0805 SMD 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV IEC ESD Protection 28-SOIC -40 to 85 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV IEC ESD Protection 28-TSSOP 0 to 70 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV IEC ESD Protection 28-SSOP 0 to 70 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV ESD (HBM) Protection 28-SOIC -40 to 85 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV IEC ESD Protection 28-SOIC 0 to 70 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV ESD (HBM) Protection 28-SSOP -40 to 85 7.92 mm Contact Pitch/ High-Current Connectors for Internal Power Supplies (UL/ C-UL and TUV Listed) 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV ESD (HBM) Protection 28-TSSOP -40 to 85 8051 CPU with 16kB Memory, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 8051 CPU with 8kB Memory, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 8051 CPU with 8kB Memory, I2C, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 Precision A/D & D/A with 8051 Microcontroller and Flash Memory 64-TQFP -40 to 125 color=#FF0000>7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed) 7.92 mm Contact Pitch, High-Current Connectors for Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)


 Related Part Number
PART Description Maker
2N6796LCC4 N-Channel Power MOSFET(Vdss00VId(cont).4A,Rds(on).18ΩN沟道功率型MOS场效应管(Vdss00VId(cont).4A,Rds(on).18Ω
SEME-LAB[Seme LAB]
IRF054SMD N-Channel Power MOSFET(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)(N沟道功率MOS场效应管(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)) N沟道功率MOSFET(减振钢板基本:60V的,身份证(续)5A条,的Rds(on):0.027Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本0V的,身份证(续)5A条,的Rds(on.027Ω))
SemeLAB
Seme LAB
International Rectifier
http://
B1821BH075C300N B1821BH075C275N B1821BH038C275N B1 Cap Screws Cont
Fastenal
SML100A9 N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:1000V,Id(cont):9A,Rds(on):1.100Ω)(N沟道增强高电压功率MOS场效应管(Vdss:1000V,Id(cont):9A,Rds(on):1.100Ω))
TT electronics Semelab Limited
Semelab(Magnatec)
SML80H12 SML100H11 N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:800V,Id(cont):11.5A,Rds(on):0.67Ω)(N沟道增强高电压功率MOS场效应管(Vdss:800V,Id(cont):11.5A,Rds(on):0.67Ω))
SemeLAB
SEME-LAB[Seme LAB]
SML80H14 N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS 13.5 A, 800 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-258AA
N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω)(N沟道增强高电压功率MOS场效应管(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω))
TT electronics Semelab, Ltd.
SEME-LAB[Seme LAB]
54104-3292 0.5 FPC Conn Zif Hsg Assy for SMT RA Upr Cont
Molex Electronics Ltd.
0528932095 0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
Molex Electronics Ltd.
0541043096 0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
Molex Electronics Ltd.
APT5024SLL APT5024BLL Volts:500V RDS(ON):0.24Ohms ID(cont:)22Amps|MOSFETs 电压00V电压的RDS(ON):0.24Ohms编号(续:)22安培| MOSFET
Advanced Power Technology, Ltd.
APT13GP120B Volts:1200V VF/Vce(ON):3.6V ID(cont):13Amps|Ultrafast IGBT Family 电压200伏室的Vceon):3.6V的身份证(续):一三安培|超快IGBT的家
Commonwealth Industrial, Corp.
HYB18L2561 HYE25L256160AC-7.5 HYE25L256160AF-7.5 H HEX DIE SET,.052/.068/.100/.21
RT ANG PCB CONT .40/1.295 BULK
BJAWBMSpecialty DRAMs Mobile-RAM BJAWBMSpecialty DRAM的移动RAM
http://
INFINEON[Infineon Technologies AG]
 
 Related keyword From Full Text Search System
DF22-1012PC datasheet online DF22-1012PC 查ic资料 DF22-1012PC Interface DF22-1012PC operation DF22-1012PC logic
DF22-1012PC analog devices DF22-1012PC GaAs Hall Device DF22-1012PC marking code DF22-1012PC bus DF22-1012PC Emitter
 

 

Price & Availability of DF22-1012PC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.42026305198669